PART |
Description |
Maker |
VSC7969 VSC7969W |
3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
|
Vitesse Semiconductor C...
|
TDA8920C09 TDA8920C TDA8920CJ TDA8920CTH TDA8920CJ |
2 垄楼 110 W class-D power amplifier 2 麓 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 x 110 W class-D power amplifer, SOT411-1 (DBS23P), Tube 110 W, 2 CHANNEL, AUDIO AMPLIFIER, PZFM23 2 X 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 X 110 W class-D power amplifier
|
NXP Semiconductors N.V.
|
EC2600TTS-110.000M |
OSCILLATORS 100PPM -10 70 3.3V 4 110.000MHZ TS CMOS 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 110 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
SED110LE30 |
110 AMP 30 VOLTS SCHOTTKY RECTIFIER 110 A, 30 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc.
|
CS42518 CS42518-DQZ |
110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver 110/114 dB, 192 kHz, 8-Channel CODECS with S/PDIF Receiver
|
Cirrus Logic, Inc.
|
SUM110P06-08L SUM110P06-08L-E3 |
TRANSISTOR 110 A, 60 V, 0.008 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263, LEAD FREE PACKAGE-3, FET General Purpose Power 110 A, 60 V, 0.008 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263 TO-263, 3 PIN 110 A, 60 V, 0.008 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263 LEAD FREE PACKAGE-3 P-Channel 60-V (D-S) 175 Degrees Celcious MOSFET MOSFETs
|
Vishay Semiconductors Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Siliconix
|
MCP6074-E_MNY MCP6074-E_SL MCP6074-E_SN MCP6074-E_ |
110 μA, High Precision Op Amps 110 楼矛A, High Precision Op Amps
|
Microchip Technology
|
MCP6G03T-E_OT MCP6G04-E/MS MCP6G04-E/OT MCP6G03-E/ |
110 μA Selectable Gain Amplifier 110 楼矛A Selectable Gain Amplifier
|
Microchip Technology
|
S29GL256N10TAIV12 S29GL128N10TAI022 S29GL128N11TAI |
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 16M X 16 FLASH 3V PROM, 100 ns, PDSO56 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 8M X 16 FLASH 3V PROM, 100 ns, PDSO56 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 8M X 16 FLASH 3V PROM, 110 ns, PDSO56 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 8M X 16 FLASH 3V PROM, 90 ns, PDSO56
|
Spansion, Inc.
|
B49410A2115Q000 |
Single cell 110 F/ 2.5 V
|
EPCOS[EPCOS]
|
K2A110FFC3TAH K2A110FFD3TAH K2A095FFD3TAH K2A110EF |
110 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 110 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 95 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 110 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
HYPERTRONICS CORP
|
|